Part Number Hot Search : 
SR5000 001000 OVM4R 103K1000 B060007 48S15 L1302 PT8A990A
Product Description
Full Text Search
 

To Download 3912-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2003 USB1.1 Interface Support
3912-20 COMMUNICATION BASE
Complete with LCD for Checking Data and Making Settings in the Field
USB Interface for Connecting the Data Logger Series to a PC
3632-20 TEMPERATURE LOGGER Waterproof with built-in sensor -20.0C to 70.0C 3638-20 LEAK LOGGER For measuring leak current on two channels 100.0 mA/1000 mA AC (clamp sensor sold separately) 3639-20 PULSE LOGGER For cumulative pulse measurement for a precipitation gauges, flow gauge, etc.
3633-20 TEMPERATURE LOGGER Separate external sensor -40.0C to 180.0C
3634-20 INSTRUMENTATION LOGGER For measuring typical instrumentation signals DC 20.00 mA 3635-24/-25/-26 VOLTAGE LOGGER -24: DC 500.0 mV -25: DC 5.000 V -26: DC 50.00 V 3636-20 CLAMP LOGGER For measuring alternating current on two channels 50.00/500.0 A AC (clamp sensor sold separately) 3637-20 AC VOLTAGE LOGGER AC 600.0 V
3640-20 LUX LOGGER For illumination measurement 2000 lx to 200000 lx
3641-20 HUMIDITY LOGGER Alternates recording of temperature and humidity on two channels -40C to 85.0C 0.0%rh to 100.0%rh 3645-20 VOLTAGE LOGGER With preheat function DC 50.00 mV to 50.00 V
3912-20
I Compatible with the USB 1.1 interface I Equipped with an LCD display that makes it easy to check collected data and change settings in the field I Improved reliability in data retention I Does not consume battery power while connected to a PC
I Clock backup when battery needs replacement (approximately 12 hours) I Same easy-to-use interface, like the current 3911-20 I Integrates with PC software for the 3911-20 (Operates with both the 3911-20 and the 3912-20)
http://www.hioki.co.jp/
HIOKI company overview, new products, environmental considerations and other information are available on our website.
Select Either USB or the RS-232C as the PC Communication Interface for the Data Logger Series
The USB-compatible 3912-20 has been added as a communication base for the flexible Data Logger Series of compact loggers for measuring information such as temperature, humidity, instrument signals, load current, leak current, voltage, pulse signals, and illumination. There are now two types of communication bases (which are used to download data recorded by a Data Logger to a PC) for the Data Logger Series: the RS-232C-compatible 3911-20 and the newly released USB 1.1-compatible 391220. The communication bases have proven popular for their ability to facilitate the collection of data in the field. Because the 3912-20 is equipped with an LCD, it also allows the user to easily check data and change settings.
Function Specifications
Display Communication combinations Dot matrix LCD (128 x 64 dots) PC 3912-20 Clock, recording interval, start control, recording method, comment 3912-20 PC Collected data (16 channels maximum: 256,000 data elements maximum) 3912-20 Logger Clock, recording interval, start control, recording method, comment Logger 3912-20 Collected data (16,000 data elements maximum) 3912-20 Logger Infrared optical communications (synchronous serial communications, three lines) 3912-20 PC Communication speed Cable Recording capacity USB 1.1 (full speed: 12 Mbps) 3912-20 Logger Approximately 250 data elements/second (reference value) 3912-20 PC Approximately 16,000 data elements/second (reference value) USB cable (provided, approximately 1m) 16 channels maximum (16,000 data elements maximum x 16 channels)
Specifications of Bundled PC Communication Software
G Supported OS: Windows 98/Me/2000/XP (for DOS/V) G Display: Graph display (16 channels maximum, two cursors, enlarge/reduce/scroll possible), measurement data list display, data count, average value, maximum value, minimum value, recording date and time G Printing: Graph printing (16 channels maximum, printing between cursors), measurement data list, data count, average value, maximum value, minimum value, recording date and time G File formats: Proprietary format (binary code), text save (CSV format) * CSV format: A
comma-delimited text format that can be directly read by Excel
Communication method
G Analysis and data processing data on computer
Use either the 3912-20 COMMUNICATION BASE (USB) or the 3911-20 COMMUNICATION BASE (RS-232C) for communication (transferring data and settings) between a Data Logger and a PC. The 3912-20 can collect up to 16,000 data elements for up to 16 channels; when installed in the field, the 391220 can collect data from multiple devices and then send all of the data to a PC for analysis and processing.
General Specifications
G Backup: Yes (Prevents loss of stored data during battery replacement; clock is backed up by a two-layer capacitor for approximately 12 hours) (reference value) G Battery life: Approximately 3 months or more (when idle) G Communication: Approximately 50 times (sending 16,000 data elements x 16 channels from Data Logger 3912-20 PC) G Power supply: 1.5V batteries x 4 alkaline dry cells (LR03) G Maximum rated power: 0.4 VA G Dimensions: Approx. W68.5 mm (2.70 ") x H128 mm (5.04 ") x D36 mm (1.42 ") (expluding protrusions) G Mass: 180g(6.35 oz.) (including batteries) G Locations for use: Indoors, at altitudes of up to 2000 m (6562 -ft.) G Operating temperature range: 0C(32F) to 40C(104F), up to 80%rh (with no condensation) G Storage temperature range: -10C(14F) to 50C(122F), up to 80%rh (with no condensation) G Applicable standards: EMC EN61326-1:1997+A1:1998 Safety EN61010-1:2001 overvoltage category I (expected overvoltage of 30 V), pollution degree 2 G Accessories: Operation Guide, USB cable, PC communication software (CD-R), alkaline batteries (LR03) x 4 G Communication between the 3912-20 and a Data Logger Data Logger G Communication between the 3912-20 and a PC 3912-20
3912-20 Install in a fixed location when using infrared optical communication
PC communication software
USB cable
DISTRIBUTED BY
ASM GmbH Am Bleichbach 18 - 22
HEAD OFFICE : 81 Koizumi, Ueda, Nagano, 386-1192, Japan TEL +81-268-28-0562 / FAX +81-268-28-0568 E-mail: os-com@ hioki.co.jp HIOKI USA CORPORATION : 6 Corporate Drive, Cranbury, NJ 08512 USA TEL +1-609-409-9109 / FAX +1-609-409-9108 E-mail: hioki@ hiokiusa.com
85452 Moosinning
All information correct as of Feb. 20, 2003. All specifications are subject to change without notice.
I3912E1-32M-03P
Printed in Japan


▲Up To Search▲   

 
Price & Availability of 3912-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X